PART |
Description |
Maker |
LXT975A LXT974 LXT975BHC |
DATACOM, ETHERNET TRANSCEIVER, PQFP160 Fast Ethernet 10/100 Quad Transceivers
|
CORTINA SYSTEMS INC Intel Corp.
|
0833-2X8R-55 |
INTEGRATED CONNECTOR MODULES Power over Ethernet MagJack 2 x 8 DATACOM TRANSFORMER FOR ETHERNET APPLICATION(S)
|
Bel Fuse, Inc. Bel Fuse Inc.
|
0853-2X8R-66 |
INTEGRATED CONNECTOR MODULES Power over Ethernet MagJack 2 x 8 DATACOM TRANSFORMER FOR ETHERNET APPLICATION(S)
|
Bel Fuse, Inc.
|
AFBR-79Q4EKZ |
QSFP iSR4 Pluggable, Parallel Fiber-Optics Module for 40Gb Ethernet, 4 x 10Gb Ethernet and InfiniBand Applications
|
AVAGO TECHNOLOGIES LIMITED
|
EPA1885-8-RC EPA1885-1-RC EPA1885-10-RC EPA1885-2- |
DATACOM TRANSFORMER FOR LAN; ETHERNET APPLICATION(S) ROHS COMPLIANT Isolation Transformers for LAN-Ethernet Applications
|
Bourns, Inc. PCA ELECTRONICS INC.
|
EP9531-1 EP9531-1-RC EP9531-10 EP9531-10-RC EP9531 |
DATACOM TRANSFORMER FOR LAN; ETHERNET APPLICATION(S) Isolation Transformers for LAN-Ethernet Applications
|
PCA ELECTRONICS INC.
|
ZL50417 |
Unmanaged 16 port Fast Ethernet 2 port 1Gb Ethernet Switch
|
Zarlink Semiconductor
|
BCM5248U BCM56100 BCM5836 BCM5461 |
24-PORT FAST ETHERNET AND 2-PORT GIGABIT ETHERNET MULTILAYER SWITCH
|
BOARDCOM[Broadcom Corporation.]
|
HFBR-53D5EM HFCT-53D5EM HFCT-53D5FM HFBR-53D5FM HF |
HFCT-53D5FM · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet HFCT-53D5EM · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet HFBR-53D5FM · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet, Flush Shield, Metalized Housing HFBR-53D5EM · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet, Extended Shield, Metalized Housing HFBR-53D5 · 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet, No Shield, Plastic Housing HFBR-0535 · Evaluation Kit for 1x9 fiber optic modules at 1.25 GBd 1 x 9 Fiber Optic Transceiver for Gigabit Ethernet
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Agilent / Hewlett-Packard
|
AT76C511 |
AT76C511 is a highly integrated WLAN Bridge-on-a-Chip based on two ARM7TDMI?RISC processors, two 10/100 Ethernet MACs, 32-bit DMA Channels, SRAM and Cache for program/data, UART, 3.3V operation, 208 pin LQFP package. Dual Ethernet to IEEE 802.11b WLAN Bridgeon-on-a-Chip(DEW-B) Dual Ethernet to IEEE 802.11b WLAN Bridge on-A Chip
|
ATMEL[ATMEL Corporation]
|
485ELC |
Max voltage:20V; 250mA; high speed ethernet data line protector. For ethernet- 10/100 base T, catagory 5 systems, RS-485 serial communication lines, ISDN equipment/systems, video transmission systems
|
Protek Devices
|
NEPORT1 NECHIP |
Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
|
List of Unclassifed Manufacturers ETC
|